Part Number Hot Search : 
SF1006 48N003V0 TP8835 100343PC 1151AIZ STB6NA60 SDZ5V1Q V8486A
Product Description
Full Text Search
 

To Download 2SC1008-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? general purpose switching and amplification 2sc1 008 - o npn silicon epitaxial transistor electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage* (i c = 10 madc, i b =0) 6 0 vdc v (br)cbo collector- base breakdown voltage ( i c =100uadc, i e =0) 8 0 vdc i cbo collector cutoff current (v cb =60vdc, i e =0adc) 0.1 uadc i ebo emitter cutoff current (v eb =5.0vdc, i c =0adc) 0.1 uadc on characteristics h fe dc current gain* (i c = 50 madc, v ce = 2 .0vdc) 4 0 4 0 0 v ce(sat) collector- emitter saturation voltage (i c = 5 00madc, i b = 5 0madc) 0.4 vd c v be(sat) base- emitter saturation voltage (i c = 5 00madc, i b = 5 0madc) 1.1 vd c small-signal characteristics f t transistor frequency ( i c = 50 madc, v ce =10vdc) 3 0 mh z classification of h fe (1) rank r o y g range 40 - 80 70 - 1 4 0 120 - 24 0 200 - 4 0 0 c ob collector output capacitance ( v cb = 10v d c ,i c =0,f=1mhz ) typ 8 pf revision: c 20 1 3/01/01  
 omp onents 20736 marilla street chatsworth       
     m cc tm micro commercial components w w w. m c c se m i .c om 1 of 2 2sc1 008 - y 2sc1 008 - g 2sc 1008 - r lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 ? capable of 0 . 8 watts of power dissipation. ? collector - current 0. 7 a ? collector - base voltage 8 0v ? mar k ing : c1 008 v (br) e bo emitter-base breakdown voltage (i e =10uadc, i c =0) 8 vdc inches mm dim min max min max note a .175 .185 4.45 4.70 b .175 .185 4.45 4.70 c .500 --- 12.70 --- d .016 .020 0.41 0.63 e .135 .145 3.43 3.68 .09 5 .10 5 2.4 2 2.67 straight lead a e b c d g e b c e b c bent lead straight lead bulk p ack ammo pack * for ammo packing detailed specification, click here to visit our website of product packaging for details. . 17 3 . 22 0 4.4 0 5.60 bent lead g to-92 dimensions h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc revision: c 201 3/01/01 tm micro commercial components w w w. m c c se m i .c om 2 of 2 3 p a r t n u m b e r - bp b u l k: 1 0 0 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- a p a m m o p a c k i n g : 2 k p c s / a mm o b o x note : adding "-hf" suffix for halogen free, eg. part number-ap-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC1008-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X